PART |
Description |
Maker |
P6KE250-AP P6KE10A-AP P6KE10A-TP P6KE200A-AP P6KE2 |
600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS TVS 600W 7.5V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 68V BIDIRECT DO-15 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 24V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 10V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 10V BIDIRECT DO-15 TVS 600W 150V BIDIRECT DO-15 TVS 600W 20V BIDIRECT DO-15 TVS 600W 51V BIDIRECT DO-15
|
Micro Commercial Compon... http:// Micro Commercial Components, Corp.
|
BAR65-02L BAR65-07 BAR65 BAR65-02V BAR65-03W |
PIN Diodes - Low Loss, Low Capacitance Switch in ultra small SC79 package PIN Diodes - Low loss, low capacitance RF switching PIN diode Silicon PIN Diode
|
INFINEON[Infineon Technologies AG]
|
ESDAULC5-1BF4 |
Low clamping & ultra low capacitance bidirectional single line ESD protection
|
ST Microelectronics
|
PS7802-1A-F4 PS7802-1A PS7802 PS7802-1A-F3 PS78021 |
邻舍4针超小型平引脚,低输出电1通道光学耦合MOSFET A6595 SOIC LED Driver IC; Driver Type:LED; Package/Case:16-QFN; Leaded Process Compatible:Yes; No. of Drivers:1; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Output Current Max:150mA; Output Current Min:10mA; Output Voltage Max:3V RoHS Compliant: Yes 1.3 OHM SERIAL INPUT DMOS DRIVER NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD / LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
|
NEC Corp. NEC[NEC]
|
GLBCSC08 GBLCSC03 GBLCSC03_07 GBLCSC03C GBLCSC05 G |
ULTRA LOW CAPACITANCE TVS ARRAY
|
PROTEC[Protek Devices]
|
SLVU2.8-8-T13 SLVU2.8-8-T7 SLVU2.8-8-LF-T7 SLVU2.8 |
ULTRA LOW CAPACITANCE TVS ARRAY
|
PROTEC[Protek Devices]
|
PJE5V0U8TB |
Ultra Low Capacitance ESD Protection
|
Pan Jit International I...
|
PLC496 |
ULTRA LOW CAPACITANCE TVS ARRAY
|
PROTEC[Protek Devices]
|
PSOT05ULC |
ULTRa LOw CaPaCiTanCe TvS aRRay
|
Protek Devices
|